|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SB250-09R - 90V, 25A Rectifier - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBA250-09R | 90V 25A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB250-09 | 90V 25A Rectifier | 1 2 3 | Sanyo Semicon Device |
| KBJ25A | 25A BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| SB30-09 | 90V 3A Rectifier | 1 2 3 | Sanyo Semicon Device |
| NTE5520 | Silicon Controlled Rectifier SCR 25A | 1 2 | NTE Electronics |
| SB30-09J | 90V 3A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB005-09CP | 90V 50mA Rectifier | 1 2 | Sanyo Semicon Device |
| SB300-09 | 90V 30A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB005-09SPA | 90V 50mA Rectifier | 1 2 | Sanyo Semicon Device |
| SB300-09R | 90V 30A Rectifier | 1 2 3 | Sanyo Semicon Device |
Datasheet Page |
1 2 3 |
Link URL |
|
|