|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SB200-09R - 90V, 20A Rectifier - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SB200-09 | 90V 20A Rectifier | 1 2 3 | Sanyo Semicon Device |
| S9005P2CT | 20A SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| SB05-09 | 90V 500mA Rectifier | 1 2 | Sanyo Semicon Device |
| SB80-09 | 90V 8A Rectifier | 1 2 3 | Sanyo Semicon Device |
| MPE-29G | Power Surface Mount 90V 20A Schottky barrier diode in TO220S package | 1 | Sanken electric |
| SBG2030CT | 20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| UFF200-005 | 20A ULTRA FAST RECOVERY RECTIFIER | 1 2 | Formosa MS |
| SB10-09P | 90V 1A Rectifier | 1 2 | Sanyo Semicon Device |
| SB80-09J | 90V 8A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SBL2030CT | 20A SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
Datasheet Page |
1 2 3 |
Link URL |
|
|