|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SB160-09R - 90V, 16A Rectifier - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SB160-09 | 90V 16A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SBA160-09R | 90V 16A Rectifier | 1 2 3 | Sanyo Semicon Device |
| HER1601G | 16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
| SB160-05R | 50V 16A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SBG1630CT | 16A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| SB200-09 | 90V 20A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SBA50-09Y | 90V 5A Rectifier | 1 2 3 | Sanyo Semicon Device |
| HER1601PT | 16A HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
| SBL1630 | 16A SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| HER1601 | 16A HIGH EFFICIENCY RECTIFIER | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 |
Link URL |
|
|