Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB160-05R Datasheet (PDF) - Sanyo Semicon Device

SB160-05R Datasheet PDF - Sanyo Semicon Device
Part # SB160-05R
Download  SB160-05R Download

File Size   126.0 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 16A Rectifier

SB160-05R Datasheet (PDF)

Go To PDF Page Download Datasheet
SB160-05R Datasheet PDF - Sanyo Semicon Device

Part # SB160-05R
Download  SB160-05R Click to download

File Size   126.0 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 16A Rectifier

SB160-05R Datasheet (HTML) - Sanyo Semicon Device

SB160-05R Datasheet HTML 1Page - Sanyo Semicon Device SB160-05R Datasheet HTML 2Page - Sanyo Semicon Device SB160-05R Datasheet HTML 3Page - Sanyo Semicon Device

SB160-05R Product details

50V, 16A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=75ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.
• Micaless package facilitating easy mounting.

Applications
• High frequency rectification (switching regulators, converters, choppers).



Similar Part No. - SB160-05R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB160-05H SANYO-SB160-05H Datasheet
79Kb / 3P
   50V, 16A Rectifier
More results


Similar Description - SB160-05R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB160-05H SANYO-SB160-05H Datasheet
79Kb / 3P
   50V, 16A Rectifier
logo
Frontier Electronics.
SF1605FCT FRONTIER-SF1605FCT Datasheet
1Mb / 2P
   16A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Taiwan Semiconductor Co...
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
   16A, 50V - 600V Super Fast Surface Mount Rectifier
logo
Taiwan Memory Technolog...
GP1601 TMT-GP1601_16 Datasheet
210Kb / 4P
   16A, 50V - 1000V Glass Passivated Rectifiers
logo
Digitron Semiconductors
MUR1605CT DIGITRON-MUR1605CT Datasheet
114Kb / 2P
   16A SCHOTTKY RECTIFIER
logo
Sanyo Semicon Device
SB160-09R SANYO-SB160-09R Datasheet
80Kb / 3P
   90V, 16A Rectifier
SBA160-04R SANYO-SBA160-04R Datasheet
81Kb / 3P
   40V, 16A Rectifier
SB160-09 SANYO-SB160-09 Datasheet
78Kb / 3P
   90V, 16A Rectifier
SB160-18 SANYO-SB160-18 Datasheet
80Kb / 3P
   180V, 16A Rectifier
SBA160-09R SANYO-SBA160-09R Datasheet
83Kb / 3P
   90V, 16A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com