|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SB0030-04A - 40V, 30mA Rectifier - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBA50-04J | 40V 5A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SBA50-04Y | 40V 5A Rectifier | 1 2 3 | Sanyo Semicon Device |
| STS3DPFS40 | P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER | 1 2 3 4 5 More | STMicroelectronics |
| PMEG4002EL | 40V 0.2 A LOW V-f MEGA SCHOTTKY BARRIER RECTIFIER IN LEADLESS ULTRA SMALL SOD882 PACKAGE | 1 2 3 4 5 More | NXP Semiconductors |
| SB10-04A3 | 40V 1.0A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB11-04HP | 40V 1.1A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB120-05H | 40V 1.1A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SB30-04A | 40V 3.0A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SBA100-04J | 40V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
| SBA100-04Y | 40V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
Datasheet Page |
1 2 |
Link URL |
|
|