Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82K75R Datasheet (PDF) - Holtek Semiconductor Inc

HT82K75R Datasheet PDF - Holtek Semiconductor Inc
Part # HT82K75R
Download  HT82K75R Download

File Size   475.18 Kbytes
Page   66 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description I/O Type 8-Bit OTP MCU

HT82K75R Datasheet (PDF)

Go To PDF Page Download Datasheet
HT82K75R Datasheet PDF - Holtek Semiconductor Inc

Part # HT82K75R
Download  HT82K75R Click to download

File Size   475.18 Kbytes
Page   66 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description I/O Type 8-Bit OTP MCU

HT82K75R Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT82K75R Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K75R Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 



Similar Part No. - HT82K75R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K75R HOLTEK-HT82K75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K75RE HOLTEK-HT82K75RE Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K75REW HOLTEK-HT82K75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
More results


Similar Description - HT82K75R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com