Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R01T3 Datasheet (PDF) - Holtek Semiconductor Inc

HT46R01T3 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R01T3
Download  HT46R01T3 Download

File Size   153.79 Kbytes
Page   16 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit OTP MCU with RF Transmitter

HT46R01T3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R01T3 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R01T3
Download  HT46R01T3 Click to download

File Size   153.79 Kbytes
Page   16 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit OTP MCU with RF Transmitter

HT46R01T3 Datasheet (HTML) - Holtek Semiconductor Inc

Back Button HT46R01T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R01T3 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button 

HT46R01T3 Product details

General Description

These devices provide a combination of a fully featured MCU plus an RF transmitter function, giving them great flexibility for use in wide range of wireless I/O control applications such as industrial control, consumer products, subsystem controllers, etc.



Features

MCU Features

MCU Operating voltage:

   fSYS= 4MHz: 2.2V~3.6V

   fSYS= 8MHz: 3.0V~3.6V

Power Down modes and wake-up functions to reduce power consumption

Oscillator types

   -External high frequency Crystal

   -External RC

   -Internal RC

   -External low frequency crystal

   -Watchdog Timer Internal RC Oscillator

Three operational modes: Normal, Slow, Sleep

Fully integrated internal 4MHz, 8MHz oscillator requires no external components

OTP Program Memory: 1K15

RAM Data Memory: 968

Watchdog Timer function

All instructions executed in one or two instruction cycles

Table read instructions

63 powerful instructions

6-level subroutine nesting

Bit manipulation instruction

Low voltage reset function

16-pin NSOP package type

Up to 8 bidirectional I/O lines

4 channel 12-bit ADC

1 channel 8-bit PWM

External interrupt input shared with an I/O line

Two 8-bit programmable Timer/Event Counter with overflow interrupt and prescaler

Time-Base function

Programmable Frequency Divider - PFD



RF Transmitter Features

Complete UHF ASK/OOK transmitter

Frequency range 300MHz to 450MHz

Data rates more than 10k bps

Output Power up to 10dBm

Low voltage operation - down to 2.2V

Data tracking function for power saving

Reference clock output for MCU IRC clock synchronisation




Similar Part No. - HT46R01T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
More results


Similar Description - HT46R01T3

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Microchip Technology
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com