Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM840001KA Datasheet (PDF) - Micrel Semiconductor

SM840001KA Datasheet PDF - Micrel Semiconductor
Part # SM840001KA
Download  SM840001KA Download

File Size   313.99 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 106.25MHz Ultra-Low Jitter Clock Synthesizer

SM840001KA Datasheet (PDF)

Go To PDF Page Download Datasheet
SM840001KA Datasheet PDF - Micrel Semiconductor

Part # SM840001KA
Download  SM840001KA Click to download

File Size   313.99 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 106.25MHz Ultra-Low Jitter Clock Synthesizer

SM840001KA Datasheet (HTML) - Micrel Semiconductor

SM840001KA Datasheet HTML 1Page - Micrel Semiconductor SM840001KA Datasheet HTML 2Page - Micrel Semiconductor SM840001KA Datasheet HTML 3Page - Micrel Semiconductor SM840001KA Datasheet HTML 4Page - Micrel Semiconductor SM840001KA Datasheet HTML 5Page - Micrel Semiconductor SM840001KA Datasheet HTML 6Page - Micrel Semiconductor SM840001KA Datasheet HTML 7Page - Micrel Semiconductor SM840001KA Datasheet HTML 8Page - Micrel Semiconductor



Similar Part No. - SM840001KA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KATR MICREL-SM840002KATR Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840004-11KA MICREL-SM840004-11KA Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
More results


Similar Description - SM840001KA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
logo
Microchip Technology
MX573ABB106M250 MICROCHIP-MX573ABB106M250 Datasheet
1Mb / 3P
   Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Micrel Semiconductor
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com