Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC36256AL-85 Datasheet (PDF) - Sanyo Semicon Device

LC36256AL-85 Datasheet PDF - Sanyo Semicon Device
Part # LC36256AL-85
Download  LC36256AL-85 Download

File Size   99.91 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 256 K (32768 words x 8 bits) SRAM

LC36256AL-85 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC36256AL-85 Datasheet PDF - Sanyo Semicon Device

Part # LC36256AL-85
Download  LC36256AL-85 Click to download

File Size   99.91 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 256 K (32768 words x 8 bits) SRAM

LC36256AL-85 Datasheet (HTML) - Sanyo Semicon Device

LC36256AL-85 Datasheet HTML 1Page - Sanyo Semicon Device LC36256AL-85 Datasheet HTML 2Page - Sanyo Semicon Device LC36256AL-85 Datasheet HTML 3Page - Sanyo Semicon Device LC36256AL-85 Datasheet HTML 4Page - Sanyo Semicon Device LC36256AL-85 Datasheet HTML 5Page - Sanyo Semicon Device LC36256AL-85 Datasheet HTML 6Page - Sanyo Semicon Device LC36256AL-85 Datasheet HTML 7Page - Sanyo Semicon Device

LC36256AL-85 Product details

Overview
The LC36256AL, AML are fully asynchronous silicon gate CMOS static RAMs with an 32768 words × 8 bits configuration.
This series have CE chip enable pin for device select/nonselect control and an OE output enable pin for output control, and features high speed as well as low power dissipation.
For these reasons, the series is especially suited for use in systems requiring high speed, low power, and battery backup, and it is easy to expand memory capacity.

Features
• Access time
    70 ns (max.) : LC36256AL-70, LC36256AML-70
    85 ns (max.) : LC36256AL-85, LC36256AML-85
    100 ns (max.) : LC36256AL-10, LC36256AML-10
    120 ns (max.) : LC36256AL-12, LC36256AML-12
• Low current dissipation
    During standby
        2 µA (max.) / Ta = 25°C
        5 µA (max.) / Ta = 0 to +40°C
        25 µA (max.) / Ta = 0 to +70°C
    During data retention
        1 µA (max.) / Ta = 25°C
        2 µA (max.) / Ta = 0 to +40°C
        10 µA (max.) / Ta = 0 to +70°C
    During operation (DC)
        10 mA (max.)
• Single 5 V power supply: 5 V ±10%
• Data retention power supply voltage: 2.0 to 5.5 V
• No clock required (Fully static memory)
• All input/output levels are TTL compatible
• Common input/output pins, with three output states
• Packages
    DIP 28 -pin (600 mil) plastic package : LC36256AL
    SOP 28-pin (450 mil) plastic package : LC36256AML




Similar Part No. - LC36256AL-85

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-10W SANYO-LC36256ALL-10W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-12W SANYO-LC36256ALL-12W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-70W SANYO-LC36256ALL-70W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256ALL-85W SANYO-LC36256ALL-85W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results


Similar Description - LC36256AL-85

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com