|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LC3564S - 64K (8192 words x 8 bits) SRAM - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LC3564RM | 64K 8192 words x 8 bits SRAM | 1 2 3 4 5 More | Sanyo Semicon Device |
| LC36128ML-70 | 128K 16384 words X 8 bits SRAMã | 1 2 3 4 5 More | Sanyo Semicon Device |
| LC36256ALL | 256 K 32768 words x 8 bits SRAMã | 1 2 3 4 5 More | Sanyo Semicon Device |
| AT24C32A | 2-Wire Serial EEPROM 32K 4096 x 8 64K 8192 x 8 | 1 2 3 4 5 More | ATMEL Corporation |
| LC33864P-80 | 512K 65536 words X 8 bits Pseudo-SRAM | 1 2 3 4 5 More | Sanyo Semicon Device |
| EBD10RD4ADFA-E | 1GB Registered DDR SDRAM DIMM 128M words x72 bits 1 Rank | 1 2 3 4 5 More | Elpida Memory |
| EBD52EC8AKFA-5 | 512MB Unbuffered DDR SDRAM DIMM 64M words x 72 bits 2 Ranks | 1 2 3 4 5 More | Elpida Memory |
| EBE11UD8AESA | 1GB DDR2 SDRAM SO-DIMM 128M words x 64 bits 2 Ranks | 1 2 3 4 5 More | Elpida Memory |
| EBE51UD8AEFA | 512MB Unbuffered DDR2 SDRAM DIMM 64M words x 64 bits 1 Rank | 1 2 3 4 5 More | Elpida Memory |
| EDS1616AGTA | 16M bits SDRAM 1M words x 16 bits | 1 2 3 4 5 More | Elpida Memory |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|