Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCL4448 Datasheet (PDF) - Pan Jit International Inc.

MCL4448 Datasheet PDF - Pan Jit International Inc.
Part # MCL4448
Download  MCL4448 Download

File Size   85.58 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description FAST SWITCHING SURFACE MOUNT DIODES

MCL4448 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCL4448 Datasheet PDF - Pan Jit International Inc.

Part # MCL4448
Download  MCL4448 Click to download

File Size   85.58 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description FAST SWITCHING SURFACE MOUNT DIODES

MCL4448 Datasheet (HTML) - Pan Jit International Inc.

MCL4448 Datasheet HTML 1Page - Pan Jit International Inc. MCL4448 Datasheet HTML 2Page - Pan Jit International Inc. MCL4448 Datasheet HTML 3Page - Pan Jit International Inc.

MCL4448 Product details

VOLTAGE 100 Volts POWER 500 mW

FEATURES
• Fast switching Speed.
• Surface Mount Package Ideally Suited For Automatic Insertion.
• Silicon Epitaxal Planar Construction.
• Lead free in comply with EU RoHS 2002/95/EC directives.

MECHANICAL DATA
• Case: MICRO, MELF
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Marking: Cathode Band Only
• Weight: 0.011 grams(approx)




Similar Part No. - MCL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4448 VISHAY-MCL4448 Datasheet
59Kb / 5P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
Shenzhen Luguang Electr...
MCL4448 LUGUANG-MCL4448 Datasheet
383Kb / 3P
   Small Signal Fast Switching Diode
logo
Diotec Semiconductor
MCL4448 DIOTEC-MCL4448 Datasheet
48Kb / 2P
   Surface mount Small Signal Diodes
logo
Micro Commercial Compon...
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
logo
Formosa MS
MCL4448 FORMOSA-MCL4448 Datasheet
70Kb / 2P
   Switching Diode - Silicon epitaxial planar type
More results


Similar Description - MCL4448

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Galaxy Semi-Conductor H...
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
   Surface Mount Fast Switching Diodes
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
   Surface Mount Fast Switching Diodes
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Pan Jit International I...
LS4448 PANJIT-LS4448_13 Datasheet
82Kb / 5P
   FAST SWITCHING SURFACE MOUNT DIODES
1N4150 PANJIT-1N4150_14 Datasheet
113Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Diode Semiconductor Kor...
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
   Surface Mount Fast Switching Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com