Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX591ATA Datasheet (PDF) - Diodes Incorporated

FCX591ATA Datasheet PDF - Diodes Incorporated
Part # FCX591ATA
Download  FCX591ATA Download

File Size   199.41 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89

FCX591ATA Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX591ATA Datasheet PDF - Diodes Incorporated

Part # FCX591ATA
Download  FCX591ATA Click to download

File Size   199.41 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89

FCX591ATA Datasheet (HTML) - Diodes Incorporated

FCX591ATA Datasheet HTML 1Page - Diodes Incorporated FCX591ATA Datasheet HTML 2Page - Diodes Incorporated FCX591ATA Datasheet HTML 3Page - Diodes Incorporated FCX591ATA Datasheet HTML 4Page - Diodes Incorporated FCX591ATA Datasheet HTML 5Page - Diodes Incorporated FCX591ATA Datasheet HTML 6Page - Diodes Incorporated FCX591ATA Datasheet HTML 7Page - Diodes Incorporated

FCX591ATA Product details

Features
• V(BR)CEO > -40V
• High current capability IC = -1A
• Low saturation voltage VCE(sat) < -500mV @ -1A
• Complementary NPN type: FCX491A
• “Lead Free”, RoHS Compliant (Note 1)

Application
• Power MOSFET gate driving
• Low loss power switching




Similar Part No. - FCX591ATA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX591A ZETEX-FCX591A Datasheet
22Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX591A KEXIN-FCX591A Datasheet
35Kb / 2P
   Medium Power Transistor
logo
Diodes Incorporated
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591AQTA DIODES-FCX591AQTA Datasheet
409Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
More results


Similar Description - FCX591ATA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
   40V PNP medium power transistor in SOT89
BCX69 DIODES-BCX69_15 Datasheet
22Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
ZXTP2041F DIODES-ZXTP2041F Datasheet
221Kb / 6P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591AQ DIODES-FCX591AQ Datasheet
409Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com