Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1143 Datasheet (PDF) - Silicon Laboratories

SI1143 Datasheet PDF - Silicon Laboratories
Part # SI1143
Download  SI1143 Download

File Size   505.51 Kbytes
Page   66 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE

SI1143 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI1143 Datasheet PDF - Silicon Laboratories

Part # SI1143
Download  SI1143 Click to download

File Size   505.51 Kbytes
Page   66 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE

SI1143 Datasheet (HTML) - Silicon Laboratories

Back Button SI1143 Datasheet HTML 1Page - Silicon Laboratories SI1143 Datasheet HTML 2Page - Silicon Laboratories SI1143 Datasheet HTML 3Page - Silicon Laboratories SI1143 Datasheet HTML 4Page - Silicon Laboratories SI1143 Datasheet HTML 5Page - Silicon Laboratories SI1143 Datasheet HTML 6Page - Silicon Laboratories SI1143 Datasheet HTML 7Page - Silicon Laboratories SI1143 Datasheet HTML 8Page - Silicon Laboratories SI1143 Datasheet HTML 9Page - Silicon Laboratories SI1143 Datasheet HTML 10Page - Silicon Laboratories Next Button 

SI1143 Product details

Description
The Si1141/42/43 is a low-power, reflectance-based, infrared proximity and ambient light sensor with I2C digital interface and programmable-event interrupt output. This touchless sensor IC includes an analog-to-digital converter, integrated high-sensitivity visible and infrared photodiodes, digital signal processor, and one, two, or three integrated infrared LED drivers with fifteen selectable drive levels. The Si1141/42/43 offers excellent performance under a wide dynamic range and a variety of light sources including direct sunlight. The Si1141/42/43 can also work under dark glass covers. The photodiode response and associated digital conversion circuitry provide excellent immunity to artificial light flicker noise and natural light flutter noise. With two or more LEDs, the Si1142/43 is capable of supporting multiple-axis proximity motion detection. The Si1141/42/43 devices are provided in a 10-lead 2x2 mm QFN package and are capable of operation from 1.71 to 3.6 V over the –40 to +85 °C temperature range.

Features
■ Integrated infrared proximity detector
   •Proximity detection adjustable from under 1 cm up to 200 cm
   •Three independent LED drivers
   •15 current settings from 5.6 mA to 360 mA for each LED driver
   •25.6 µs LED driver pulse width
   •50 cm proximity range with single pulse (<3 klx)
   •15 cm proximity range with single pulse (>3 klx)
   •Operates at up to 128 klx (direct sunlight)
   •High reflectance sensitivity < 1 µW/cm2
   •High EMI immunity without shielded packaging
■ Integrated ambient light sensor
   •100 mlx resolution possible, allowing operation under dark glass
   •1 to 128 klx dynamic range possible across two ADC range settings
   •Accurate lux measurements with IR correction algorithm
■ Industrys lowest power consumption
   •1.71 to 3.6 V supply voltage
   •9 µA average current (LED pulsed 25.6 µs every 800 ms at 180 mA plus 3 µA Si114x supply)
   •< 500 nA standby current
   •25.6 µs LED “on” time keeps total power consumption duty cycle low without compromising performance or noise immunity
   •Internal and external wake support
   •Built-in voltage supply monitor and power-on reset controller
■ Serial communications
   •Up to 3.4 Mbps data rate
   •Slave mode hardware address decoding (0x5A)
■ Small-outline 10-lead 2x2 mm QFN
■ Temperature Range
   •–40 to +85 °C

Applications
■ Handsets
■ Heart rate monitoring
■ Pulse oximetry
■ Wearables
■ Audio products
■ Security panels
■ Tamper detection circuits
■ Dispensers
■ Valve controls
■ Smoke detectors
■ Touchless switches
■ Touchless sliders
■ Occupancy sensors
■ Consumer electronics
■ Industrial automation
■ Display backlighting control
■ Photo-interrupters




Similar Part No. - SI1143

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1143-A11-GMR SILABS-SI1143-A11-GMR Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1143-A11-YM0R SILABS-SI1143-A11-YM0R Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFAC
Rev. 1.1 12/14
More results


Similar Description - SI1143

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1153 SILABS-SI1153 Datasheet
1Mb / 58P
   Proximity/Ambient Light Sensor IC with IC Interface
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
   Ambient Light Sensor with I2C digital interface
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com