|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LA7222 - 2-Channel 2-Position AV Switch for VCR/Audio Use - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BA3126F | 2-channel head switch for radio cassette recorders | 1 2 3 4 5 More | Rohm |
| LA4725 | 2-Channel BTL Power Amplifier 30 W+30 W with Standby Switch for Car Stereos | 1 2 3 | Sanyo Semicon Device |
| LA4728 | 2-Channel BTL Power Amplifier 35 W+35 W with Standby Switch for Car Stereos | 1 2 3 | Sanyo Semicon Device |
| LA7952 | Video Switch for TV/VCR Useã | 1 2 3 4 | Sanyo Semicon Device |
| LA7151 | Audio/Video Switch for VCR Video Camera Useã | 1 2 3 4 5 More | Sanyo Semicon Device |
| LA7954 | Video Switch for TV/VCR Useã | 1 2 3 4 | Sanyo Semicon Device |
| LA7955 | Video Switch for TV/VCR Useã | 1 2 3 4 5 More | Sanyo Semicon Device |
| LA7956 | Video Switch for TV/VCR Useã | 1 2 3 4 | Sanyo Semicon Device |
| LA7957 | Video Switch for TV/VCR Useã | 1 2 3 4 5 | Sanyo Semicon Device |
| LA7220M | 3-Channel 2-Position Electronic Switch for VCR/Audio Use | 1 2 3 4 5 | Sanyo Semicon Device |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|