Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA5668 Datasheet (PDF) - Sanyo Semicon Device

LA5668 Datasheet PDF - Sanyo Semicon Device
Part # LA5668
Download  LA5668 Download

File Size   87.53 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Multifunction Voltage Regulator???

LA5668 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5668 Datasheet PDF - Sanyo Semicon Device

Part # LA5668
Download  LA5668 Click to download

File Size   87.53 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Multifunction Voltage Regulator???

LA5668 Datasheet (HTML) - Sanyo Semicon Device

LA5668 Datasheet HTML 1Page - Sanyo Semicon Device LA5668 Datasheet HTML 2Page - Sanyo Semicon Device LA5668 Datasheet HTML 3Page - Sanyo Semicon Device LA5668 Datasheet HTML 4Page - Sanyo Semicon Device

LA5668 Product details

Overview
The LA5668 is a multifunctional voltage regulator IC especially suited for use in portable musical instrument applications.
   
Functions and Features
• Power output : 1.0A
• Analog output : 5.5V, 0.1A
• Digital output : 5.0V, 0.1A
• Low ICC at power-OFF mode (APO=OFF) : 35µA typ
   




Similar Part No. - LA5668

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
   Monolithic Linear IC Phase Control Voltage Inverter Control IC
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
More results


Similar Description - LA5668

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
logo
STMicroelectronics
L4938ND013TR STMICROELECTRONICS-L4938ND013TR Datasheet
563Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
April 1999
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
logo
Sanyo Semicon Device
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
logo
STMicroelectronics
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
logo
Sanyo Semicon Device
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
   DUAL MULTIFUNCTION VOLTAGE REGULATOR
logo
IK Semicon Co., Ltd
IK8006 IKSEMICON-IK8006 Datasheet
1Mb / 40P
   One-chip Multifunction Voltage Regulator
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com