Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA4140 Datasheet (PDF) - Sanyo Semicon Device

LA4140 Datasheet PDF - Sanyo Semicon Device
Part # LA4140
Download  LA4140 Download

File Size   289.56 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 0.5W AF Power Amplifier

LA4140 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4140 Datasheet PDF - Sanyo Semicon Device

Part # LA4140
Download  LA4140 Click to download

File Size   289.56 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 0.5W AF Power Amplifier

LA4140 Datasheet (HTML) - Sanyo Semicon Device

LA4140 Datasheet HTML 1Page - Sanyo Semicon Device LA4140 Datasheet HTML 2Page - Sanyo Semicon Device LA4140 Datasheet HTML 3Page - Sanyo Semicon Device

LA4140 Product details

2-CHANNEL AF POWER AMP. FOR TAPE RECORDER, RADIO

0.5W TYP AF POWER AMP. FOR RADIO OR TAPE RECORDER

0.6 TO 0.9W AF POWER AMP.




Similar Part No. - LA4140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4140 SANYO-LA4140 Datasheet
143Kb / 1P
   2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
More results


Similar Description - LA4140

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7112 PANASONIC-AN7112 Datasheet
152Kb / 3P
   0.5W Audio Power Amplifier
logo
Inchange Semiconductor ...
STK4142 ISC-STK4142 Datasheet
123Kb / 1P
   AF Power Amplifier
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024_1 Datasheet
315Kb / 5P
   Power Amplifier 0.5W 2.4GHz
logo
Inchange Semiconductor ...
STK4162 ISC-STK4162 Datasheet
122Kb / 1P
   AF Power Amplifier
logo
Sanyo Semicon Device
STK4392 SANYO-STK4392 Datasheet
67Kb / 2P
   AF Power Amplifier
logo
Inchange Semiconductor ...
STK4152 ISC-STK4152 Datasheet
123Kb / 1P
   AF Power Amplifier
STK4122 ISC-STK4122 Datasheet
122Kb / 1P
   AF Power Amplifier
STK4172 ISC-STK4172 Datasheet
122Kb / 1P
   AF Power Amplifier
logo
Sanyo Semicon Device
LA4510 SANYO-LA4510 Datasheet
258Kb / 8P
   240MW AF Power Amplifier
logo
Inchange Semiconductor ...
STK4132 ISC-STK4132 Datasheet
117Kb / 1P
   2ch AF Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com