Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12022 Datasheet (PDF) - Intersil Corporation

ISL12022 Datasheet PDF - Intersil Corporation
Part # ISL12022
Download  ISL12022 Download

File Size   375.95 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real Time Clock with On Chip 짹5ppm Temp Compensation

ISL12022 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12022 Datasheet PDF - Intersil Corporation

Part # ISL12022
Download  ISL12022 Click to download

File Size   375.95 Kbytes
Page   28 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real Time Clock with On Chip 짹5ppm Temp Compensation

ISL12022 Datasheet (HTML) - Intersil Corporation

Back Button ISL12022 Datasheet HTML 1Page - Intersil Corporation ISL12022 Datasheet HTML 2Page - Intersil Corporation ISL12022 Datasheet HTML 3Page - Intersil Corporation ISL12022 Datasheet HTML 4Page - Intersil Corporation ISL12022 Datasheet HTML 5Page - Intersil Corporation ISL12022 Datasheet HTML 6Page - Intersil Corporation ISL12022 Datasheet HTML 7Page - Intersil Corporation ISL12022 Datasheet HTML 8Page - Intersil Corporation ISL12022 Datasheet HTML 9Page - Intersil Corporation ISL12022 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL12022 Product details

Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving

The ISL12022 device is a low power real time clock with an embedded Temp sensor for oscillator compensation, clock/calendar, power fail, low battery monitor, brownout indicator, single periodic or polled alarms, intelligent battery-backup switching, Battery Reseal™ function and 128 bytes of battery-backed user SRAM.

Features
• Real Time Clock/Calendar
    - Tracks Time in Hours, Minutes and Seconds
    - Day of the Week, Day, Month and Year
• On-chip Oscillator Compensation Over the Operating Temp Range
    - ±5ppm Over -40°C to +85°C
• 10-bit Digital Temperature Sensor Output
    - ±2°C Accuracy
• Customer Programmable Day Light Saving Time
• 15 Selectable Frequency Outputs
• 1 Alarm
    - Settable to the Second, Minute, Hour, Day of the Week, Day, or Month
    - Single Event or Pulse Interrupt Mode
• Battery Reseal™ Function to Extend Battery Shelf Life
• Automatic Backup to Battery or Super Capacitor
    - Operation to VBAT = 1.8V
    - 1.0µA Battery Supply Current
• Battery Status Monitor
    - 2 User Programmable Levels
    - Seven Selectable Voltages for Each Level
• Power Status Brownout Monitor
    - Six Selectable Trip Levels, from 2.295V to 4.675V
• Oscillator Failure Detection
• Time Stamp for First VDD to VBAT, and Last VBAT to VDD
• 128 Bytes Battery-Backed User SRAM
• I2C Bus™
    - 400kHz Clock Frequency
• 8 Ld SOIC Package
• Pb-Free (RoHS Compliant)

Applications
• Utility Meters
• POS Equipment
• Medical Devices
• Security Systems
• Vending Machines
• White Goods
• Printers and Copiers




Similar Part No. - ISL12022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022 INTERSIL-ISL12022 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022 INTERSIL-ISL12022 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
ISL12022IBZ RENESAS-ISL12022IBZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Similar Description - ISL12022

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12021 INTERSIL-ISL12021 Datasheet
311Kb / 24P
   Real Time Clock with On Chip Temp Compensation 짹5ppm
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
   짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com