|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DZD27 - 0.2W Zener Diodes - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DZD20 | 0.2W Zener Diodes | 1 2 3 4 | Sanyo Semicon Device |
| 1PMT5913BT3 | PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3.91 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MMBZ5221BW | SURFACE MOUNT SILICON ZENER DIODES | 1 2 3 4 5 | Pan Jit International Inc. |
| 1N6309 | 500 mW ZENER DIODES | 1 2 | Compensated Deuices Incorporated |
| CDLL3154 | TEMPERATURE COMPENSATED ZENER REFERENCE DIODES | 1 2 | Compensated Deuices Incorporated |
| ZPD27 | 0.5W SILICON PLANAR ZENER DIODES | 1 2 3 | Shanghai Lunsure Electronic Tech |
| 1SMB5913A | SILICON ZENER DIODES | 1 2 | EIC discrete Semiconductors |
| BZX55C2V4 | SILICON ZENER DIODES | 1 2 | EIC discrete Semiconductors |
| Z1110 | SILICON ZENER DIODES | 1 | EIC discrete Semiconductors |
| 1N957 | ZENER DIODES | 1 2 | General Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|