|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DTA08E - 0.8A Bidirectional Thyristor - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DTM6-N | 6A Bidirectional Thyristorã | 1 2 3 | Sanyo Semicon Device |
| DTM8-N | 8A Bidirectional Thyristorã | 1 2 3 | Sanyo Semicon Device |
| DTN6 | 6A Bidirectional Thyristorã | 1 2 3 | Sanyo Semicon Device |
| DTA2 | 2.0A Bidirectional Thyristorã | 1 2 3 | Sanyo Semicon Device |
| DTB3 | 3.0A Bidirectional Thyristorã | 1 2 3 | Sanyo Semicon Device |
| DTC10-N | 10A Bidirectional Thyristorã | 1 2 3 | Sanyo Semicon Device |
| DTC12-N | 12A Bidirectional Thyristorã | 1 2 3 | Sanyo Semicon Device |
| HML1225 | 0.8A 300.380 VOLTAGE SCRS IGT<200uA | 1 2 | Hi-Sincerity Mocroelectronics |
| MAC228A | Sensitive Gate Triacs Silicon Bidirectional Thyristors | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|