|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DRE3E - 3.0A Reverse Blocking Thyristor - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DRA03T | 0.3A Reverse Blocking Thyristorã | 1 2 3 | Sanyo Semicon Device |
| DRA2T | 2.0A Reverse Blocking Thyristorã | 1 2 3 | Sanyo Semicon Device |
| DRD3 | 3.0A Reverse Blocking Thyristor | 1 2 3 | Sanyo Semicon Device |
| 2N6240 | Silicon controlled Rectifiers Reverse Blocking Triode Thyristors | 1 2 3 4 | Motorola, Inc |
| DRA5 | 5.0A Reverse Blocking Thyristor | 1 2 3 | Sanyo Semicon Device |
| C228 | SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR | 1 2 | Motorola, Inc |
| DRA8 | 8.0A Reverse Blocking Thyristor | 1 2 3 | Sanyo Semicon Device |
| MUR340 | Plastic High-Efficiency Rectifiers Reverse Voltage 400 to 600V Forward Current 3.0A | 1 2 | List of Unclassifed Manufacturers |
| MCR3835 | SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR | 1 2 3 | Motorola, Inc |
| IXRH50N120 | IGBT with Reverse Blocking capability | 1 2 | IXYS Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|