|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DBB08 - 0.8A Single-Phase Bridge Rectifier - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE5340 | Silicon Bridge Rectifier Single-Phase 40 Amp | 1 | NTE Electronics |
| BR605 | SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Rectron Semiconductor |
| MDA970G1 | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes | 1 2 | Rectron Semiconductor |
| RS801 | SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes | 1 2 | Rectron Semiconductor |
| DBF250 | 25A Single-Phase Bridge Rectifier | 1 2 3 | Sanyo Semicon Device |
| BR2505 | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| KBK15A | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| KBPC6005 | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| B40C1500G | GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 | General Semiconductor |
| KBL005 | SINGLE-PHASE BRIDGE RECTIFIER | 1 2 | General Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|