|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DBB04 - 0.4A Single-Phase Bridge Rectifier - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GBU8A | GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 | Transys Electronics |
| BR1505 | SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Rectron Semiconductor |
| MB3505 | SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes | 1 2 | Rectron Semiconductor |
| RS401L | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere | 1 2 | Rectron Semiconductor |
| DBF10 | 1.0A Single-Phase Bridge Rectifier | 1 2 | Sanyo Semicon Device |
| B40C5000 | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| KBJ10A | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILCON BRIDGE RECTIFIER | 1 2 | Dc Components |
| KBPC3005W | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER | 1 2 | Dc Components |
| GBPC12 | GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | General Semiconductor |
| G2SB20 | Glass Passivated Single-Phase Bridge Rectifier | 1 2 3 | Vaishali Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|