
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
NCE20G120T Datasheet (PDF) - Wuxi NCE Power Semiconductor Co., Ltd - 1200V, 20A, Trench NPT IGBT
|
|
|
|
| Part No. | NCE20G120T |
|
| Download |
NCE20G120T Click to view |
|
| File Size | 348.24 Kbytes |
|
| Page | 8 Pages |
|
| Maker | NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd] |
|
| Homepage | http://www.ncepower.com |
|
| Logo |  |
|
|
|
|
|
| |
NCE20G120T Datasheet (HTML) |
Related keyword |
| NCE20G120T Datasheet | NCE20G120T Cross Reference | NCE20G120T Schematic | NCE20G120T Distributor | NCE20G120T Datenblatt | NCE20G120T RoHS |
| NCE20G120T Equivalent | NCE20G120T Application Notes | NCE20G120T Data Sheet | NCE20G120T component | NCE20G120T Fiche Technique | NCE20G120T Circuit |
|