
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
STGB10NC60KD Datasheet (PDF) - STMicroelectronics - 10 A, 600 V short-circuit rugged IGBT
|
|
|
|
| Part No. | STGB10NC60KD |
|
| Download |
STGB10NC60KD Click to view |
|
| File Size | 613.22 Kbytes |
|
| Page | 20 Pages |
|
| Maker | STMICROELECTRONICS [STMicroelectronics] |
|
| Homepage | http://www.st.com |
|
| Logo |  |
|
|
|
|
|
| |
STGB10NC60KD Datasheet (HTML) |
Related keyword |
| STGB10NC60KD Datasheet | STGB10NC60KD Cross Reference | STGB10NC60KD Schematic | STGB10NC60KD Distributor | STGB10NC60KD Datenblatt | STGB10NC60KD RoHS |
| STGB10NC60KD Equivalent | STGB10NC60KD Application Notes | STGB10NC60KD Data Sheet | STGB10NC60KD component | STGB10NC60KD Fiche Technique | STGB10NC60KD Circuit |
|