Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8036 Datasheet (PDF) - Intersil Corporation

ISL8036 Datasheet PDF - Intersil Corporation
Part # ISL8036
Download  ISL8036 Download

File Size   2885.58 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator

ISL8036 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8036 Datasheet PDF - Intersil Corporation

Part # ISL8036
Download  ISL8036 Click to download

File Size   2885.58 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator

ISL8036 Datasheet (HTML) - Intersil Corporation

Back Button ISL8036 Datasheet HTML 1Page - Intersil Corporation ISL8036 Datasheet HTML 2Page - Intersil Corporation ISL8036 Datasheet HTML 3Page - Intersil Corporation ISL8036 Datasheet HTML 4Page - Intersil Corporation ISL8036 Datasheet HTML 5Page - Intersil Corporation ISL8036 Datasheet HTML 6Page - Intersil Corporation ISL8036 Datasheet HTML 7Page - Intersil Corporation ISL8036 Datasheet HTML 8Page - Intersil Corporation ISL8036 Datasheet HTML 9Page - Intersil Corporation ISL8036 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL8036 Product details

Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator

ISL8036, ISL8036A are integrated power controllers rated for dual 3A output current or current sharing operation with a 1MHz (ISL8036)/2.5MHz (ISL8036A) step-down regulator, which is ideal for any low power low-voltage applications. The channels are 180° out-of-phase for input RMS current and EMI reduction. It is optimized for generating low output voltages down to 0.8V each. The supply voltage range is from 2.8V to 6V, allowing for the use of a single Li+ cell, three NiMH cells or a regulated 5V input. The two channels are 180 degrees out of phase, and each one has a guaranteed minimum output current of 3A. They can be combined to form a single 6A output in the current sharing mode. While in current sharing, the interleaved PWM signals reduce input and output ripple.

Features
• 3A High Efficiency Synchronous Buck Regulator with up to 95% Efficiency
• 2% Output Accuracy Over-Temperature/Load/Line
• Internal Digital Soft-Start - 1.5ms
• 6A Current Sharing Mode Operation
• External Synchronization up to 6MHz
• Internal Current Mode Compensation
• Peak Current Limiting and Hiccup Mode Short Circuit Protection
• Reverse Overcurrent Protection

Applications*(see page 24)
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Test and Measurement Systems
• Li-ion Battery Power Devices
• Bar Code Reader




Similar Part No. - ISL8036

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036A RENESAS-ISL8036A Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036ACRSHEVAL1Z RENESAS-ISL8036ACRSHEVAL1Z Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036ADUALEVAL1Z RENESAS-ISL8036ADUALEVAL1Z Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL8036AIRZ RENESAS-ISL8036AIRZ Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
More results


Similar Description - ISL8036

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
   High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com