Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32934A3335 Datasheet (PDF) - EPCOS

B32934A3335 Datasheet PDF - EPCOS
Part # B32934A3335
Download  B32934A3335 Download

File Size   295.5 Kbytes
Page   18 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Film Capacitors Metallized Polyester Film Capacitors

B32934A3335 Datasheet (PDF)

Go To PDF Page Download Datasheet
B32934A3335 Datasheet PDF - EPCOS

Part # B32934A3335
Download  B32934A3335 Click to download

File Size   295.5 Kbytes
Page   18 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Film Capacitors Metallized Polyester Film Capacitors

B32934A3335 Datasheet (HTML) - EPCOS

Back Button B32934A3335 Datasheet HTML 1Page - EPCOS B32934A3335 Datasheet HTML 2Page - EPCOS B32934A3335 Datasheet HTML 3Page - EPCOS B32934A3335 Datasheet HTML 4Page - EPCOS B32934A3335 Datasheet HTML 5Page - EPCOS B32934A3335 Datasheet HTML 6Page - EPCOS B32934A3335 Datasheet HTML 7Page - EPCOS B32934A3335 Datasheet HTML 8Page - EPCOS B32934A3335 Datasheet HTML 9Page - EPCOS B32934A3335 Datasheet HTML 10Page - EPCOS Next Button 

B32934A3335 Product details

Metallized Polyester Film Capacitors (MKT)

AC applications (heavy duty series) / 305 V AC



Features

■ High stability of capacitance value

■ X2 safety approval (up to 2.2 µF)



Typical applications

■ For connection in series with the mains

■ For severe ambient conditions

■ Capacitive power supply applications

■ Energy meters



Construction

■ Dielectric: metallized polyester

■ Internal series connection

■ Plastic case (UL 94 V-0)

■ Epoxy resin sealing, flame-retardant



 




Similar Part No. - B32934A3335

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32934A3335 EPCOS-B32934A3335 Datasheet
289Kb / 18P
   Metallized Polyester Film Capacitors (MKT)
More results


Similar Description - B32934A3335

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com