Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6150CB Datasheet (PDF) - Intersil Corporation

ISL6150CB Datasheet PDF - Intersil Corporation
Part # ISL6150CB
Download  ISL6150CB Download

File Size   473.05 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Voltage Hot Plug Controller

ISL6150CB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6150CB Datasheet PDF - Intersil Corporation

Part # ISL6150CB
Download  ISL6150CB Click to download

File Size   473.05 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Voltage Hot Plug Controller

ISL6150CB Datasheet (HTML) - Intersil Corporation

Back Button ISL6150CB Datasheet HTML 1Page - Intersil Corporation ISL6150CB Datasheet HTML 2Page - Intersil Corporation ISL6150CB Datasheet HTML 3Page - Intersil Corporation ISL6150CB Datasheet HTML 4Page - Intersil Corporation ISL6150CB Datasheet HTML 5Page - Intersil Corporation ISL6150CB Datasheet HTML 6Page - Intersil Corporation ISL6150CB Datasheet HTML 7Page - Intersil Corporation ISL6150CB Datasheet HTML 8Page - Intersil Corporation ISL6150CB Datasheet HTML 9Page - Intersil Corporation ISL6150CB Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL6150CB Product details

The ISL6140 is an 8 Ld, negative voltage hot plug controller that allows a board to be safely inserted and removed from a live backplane. Inrush current is limited to a programmable value by controlling the gate voltage of an external N-channel pass transistor. The pass transistor is turned off if the input voltage is less than the undervoltage threshold, or greater than the overvoltage threshold. A programmable electronic circuit breaker protects the system against shorts. The active low PWRGD signal can be used to directly enable a power module (with a low enable input)
The ISL6150 is the same part, but with an active high PWRGD signal.

Features
• Low Side External NFET Switch
• Operates from -10V to -80V (-100V absolute max rating) or +10V to +80V (+100V absolute max rating)
• Programmable Inrush Current
• Programmable Electronic Circuit Breaker (overcurrent shutdown)
• Programmable Overvoltage Protection
• Programmable Undervoltage Lockout
• Power Good Control Output
    - PWRGD Active High: (H Version) ISL6150
    - PWRGD active Low: (L Version) ISL6140
• Pb-free available (RoHS compliant)

Applications
• VoIP (Voice over Internet Protocol) Servers
• Telecom systems at -48V
• Negative Power Supply Control
• +24V Wireless Base Station Power




Similar Part No. - ISL6150CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6150CB INTERSIL-ISL6150CB Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6150CB INTERSIL-ISL6150CB Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
logo
Renesas Technology Corp
ISL6150CB RENESAS-ISL6150CB Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6150CBZ INTERSIL-ISL6150CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6150CBZ INTERSIL-ISL6150CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
More results


Similar Description - ISL6150CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com