Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6911 Datasheet (PDF) - Princeton Technology Corp

PT6911 Datasheet PDF - Princeton Technology Corp
Part # PT6911
Download  PT6911 Download

File Size   178.19 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Wide Input Range Buck LED Driver

PT6911 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6911 Datasheet PDF - Princeton Technology Corp

Part # PT6911
Download  PT6911 Click to download

File Size   178.19 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Wide Input Range Buck LED Driver

PT6911 Datasheet (HTML) - Princeton Technology Corp

PT6911 Datasheet HTML 1Page - Princeton Technology Corp PT6911 Datasheet HTML 2Page - Princeton Technology Corp PT6911 Datasheet HTML 3Page - Princeton Technology Corp PT6911 Datasheet HTML 4Page - Princeton Technology Corp

PT6911 Product details

DESCRIPTION

The PT6911 is ideally suited for AC/DC buck LED drivers. Since the PT6911 includes an 8V-450V linear regulator which allows it to work from a wide range of input voltages without the need for an external low voltage supply. Besides, the PT6911 operates in hysteretic control mode, the controller achieves good output current regulation without the need for any loop compensation. The PT6911 delivers constant current within high accuracy to a wide variety and number of series connected LEDs.

The PT6911 includes PWM dimming and linear dimming functions. The PWM dimming input can accept an external control signal with a duty cycle of 0~100% and a frequency between 100Hz and a few KHz. Output current to LED string can be programmed to any value between 0 to its maximum value by PWM dimming. Also, a 0~1.2V linear dimming input can be used for linear dimming of the LED current.



FEATURES

• 8V to 450V input range

• Hysteretic controller

• High accuracy output current

• Low stand-by power dissipation

• Soft start

• PWM low-frequency dimming and linear dimming



APPLICATIONS

• AC/DC LED driver

• Backlight LED driver

• Constant-Current driver



 




Similar Part No. - PT6911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6911 TI-PT6911 Datasheet
107Kb / 5P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
PT6911 TI-PT6911 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6911A TI-PT6911A Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6911C TI-PT6911C Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6911N TI-PT6911N Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
More results


Similar Description - PT6911

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
logo
SHENZHEN FUMAN ELECTRON...
FM1720 FUMAN-FM1720 Datasheet
396Kb / 7P
   Wide range input synchronous buck control chip
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com