|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SB631 - 100V/120V, 1A Low-Frequency Power Amp Applications - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SB560 | Low-Frequency Power Amp Applications | 1 2 3 4 5 | Sanyo Semicon Device |
| 2SB544 | Low-Frequency Power Amp Electronic Governor Applications | 1 2 3 4 5 | Sanyo Semicon Device |
| 2SA1705 | Low-Frequency Power Amp Applications | 1 2 3 4 | Sanyo Semicon Device |
| 2SD2028 | Low-Frequency Power Amp Applications | 1 2 3 | Sanyo Semicon Device |
| 2SK436 | High-Frequency Low-Frequency General-Purpose Amp Applications | 1 2 3 4 5 More | Sanyo Semicon Device |
| 2SB632 | 25V/35V 2A Low-Frequency Power Amp Applicationsã | 1 2 3 4 5 More | Sanyo Semicon Device |
| FC12 | High-Frequency Amp AM Applications Low-Frequency Amp | 1 2 3 4 5 | Sanyo Semicon Device |
| KTC3531T | LOW FREQUENCY POWER AMP CONVERTER ELECTRONIC GOVERNOR APPLICATIONS | 1 2 | KEC(Korea Electronics) |
| 2SB559 | Low Frequency Power Amp Medium Speed Switching Applications | 1 | List of Unclassifed Manufacturers |
| FC13 | Low-Frequency General-Purpose Amp Differential Amp Analog Switch Applications | 1 2 3 | Sanyo Semicon Device |
Datasheet Page |
1 2 3 |
Link URL |
|
|