
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
0876639003 Datasheet (PDF) - Molex Electronics Ltd. - 6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")Pitch Signal, EXTreme PowerPlus™ Board-to-Board Header, Through Hole, RightAngle, 32 Circuits, Power Alpha 3, Signal 24, Power Beta 5, Long Contact, with Bevel
|
|
|
|
| Part No. | 0876639003 |
|
| Download |
0876639003 Click to view |
|
| File Size | 302.62 Kbytes |
|
| Page | 5 Pages |
|
| Maker | MOLEX9 [Molex Electronics Ltd.] |
|
| Homepage | http://www.molex.com |
|
| Logo |  |
|
|
|
|
| Description | 6.35mm (.250") Pitch Power (DC), 7.62mm (.300") Pitch Power (AC), 2.54mm (.100")Pitch Signal, EXTreme PowerPlus⢠Board-to-Board Header, Through Hole, RightAngle, 32 Circuits, Power Alpha 3, Signal 24, Power Beta 5, Long Contact, with Bevel |
| |
0876639003 Datasheet (HTML) |
Related keyword |
| 0876639003 Datasheet | 0876639003 Cross Reference | 0876639003 Schematic | 0876639003 Distributor | 0876639003 Datenblatt | 0876639003 RoHS |
| 0876639003 Equivalent | 0876639003 Application Notes | 0876639003 Data Sheet | 0876639003 component | 0876639003 Fiche Technique | 0876639003 Circuit |
|