Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6B0717 Datasheet (PDF) - Samsung semiconductor

S6B0717 Datasheet PDF - Samsung semiconductor
Part # S6B0717
Download  S6B0717 Download

File Size   910.68 Kbytes
Page   65 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD

S6B0717 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6B0717 Datasheet PDF - Samsung semiconductor

Part # S6B0717
Download  S6B0717 Click to download

File Size   910.68 Kbytes
Page   65 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD

S6B0717 Datasheet (HTML) - Samsung semiconductor

Back Button S6B0717 Datasheet HTML 1Page - Samsung semiconductor S6B0717 Datasheet HTML 2Page - Samsung semiconductor S6B0717 Datasheet HTML 3Page - Samsung semiconductor S6B0717 Datasheet HTML 4Page - Samsung semiconductor S6B0717 Datasheet HTML 5Page - Samsung semiconductor S6B0717 Datasheet HTML 6Page - Samsung semiconductor S6B0717 Datasheet HTML 7Page - Samsung semiconductor S6B0717 Datasheet HTML 8Page - Samsung semiconductor S6B0717 Datasheet HTML 9Page - Samsung semiconductor S6B0717 Datasheet HTML 10Page - Samsung semiconductor Next Button 

S6B0717 Product details

INTRODUCTION
The S6B0717 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 55 common and 100 segment driver circuits. This chip is connected directly to a microprocessor, accepts serial or 8-bit parallel display data and stores in an on-chip display data RAM of 65 x 100 bits. It provides a high-flexible display section due to 1-to-1 correspondence between on-chip display data RAM bits and LCD panel pixels. And it performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
    Driver Output Circuits
        - 55 common outputs / 100 segment outputs
    On-chip Display Data RAM
        - Capacity: 65 x 100 = 6,500 bits
        - Bit data "1": a dot of display is illuminated.
        - Bit data "0": a dot of display is not illuminated.
    Multi-chip Operation (Master, Slave) Available
    Applicable Duty Ratios
    Microprocessor Interface
        - 8-bit parallel bi-directional interface with 6800-series or 8080-series
        - Serial interface (only write operation) available
    On-Chip Low Power Analog Circuit
        - On-chip oscillator circuit
        - Voltage converter (x2, x3, x4, x5)
        - Voltage regulator (temperature coefficient: -0.05%/°C or external input)
        - Voltage follower (LCD bias: 1/5, 1/6 or 1/8)
        - Electronic contrast control function (64 steps)
    Operating Voltage Range
        - Supply voltage (VDD): 2.4 to 3.6 V
        - LCD driving voltage (VLCD = V0 - VSS): 4.0 to 15.0 V
    Wide Operating Temperature Range
        - Ta = -40°C to 85 °C
    Low Power Consumption
        - 100 mA Max. (VDD = 3V, x4 boosting, V0 = 11V, internal power supply ON)
        - 10 mA Max. (during power save [standby] mode)
    Package Type
        - Gold bumped chip or TCP




Similar Part No. - S6B0717

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CY SAMSUNG-S6B0715A01-B0CY Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-B0CZ SAMSUNG-S6B0715A01-B0CZ Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A01-XXX0 SAMSUNG-S6B0715A01-XXX0 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715A11-B0CY SAMSUNG-S6B0715A11-B0CY Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Similar Description - S6B0717

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0717 SAMSUNG-KS0717 Datasheet
869Kb / 64P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
   104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com