|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KS8620 - 1 Chip CODEC for Digital Answering phone - Samsung semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| S5T8554B03 | CODEC FOR DIGITAL ANSWERING PHONE | 1 2 3 4 5 More | Samsung semiconductor |
| TP3076 | COMBO II Programmable PCM CODEC/Filter for ISDN and Digital Phone Applications | 1 2 3 4 5 More | National Semiconductor |
| BU8732AKV | CODEC IC for digital mobile phone | 1 2 3 4 5 More | Rohm |
| TC9321F-006 | SINGLE CHIP DIGITAL TUNING SYSTEM FOR CAR CD | 1 2 3 4 5 More | Toshiba Semiconductor |
| KA8320 | 1 CHIP DIGITAL SERVO PROCESSOR FOR VCR | 1 2 3 4 5 More | Samsung semiconductor |
| BU8733KV | PCM codec IC for digital cellular telephones | 1 2 3 4 5 More | Rohm |
| TA2008AN | 5V AM/FM 1 CHIP TUNER IC FOR DIGITAL TUNING SYSTEM | 1 2 3 4 5 More | Toshiba Semiconductor |
| PCD5032 | ADPCM CODEC for digital cordless telephones | 1 2 3 4 5 More | NXP Semiconductors |
| PCD6001 | Digital telephone answering machine chip | 1 2 3 4 5 More | NXP Semiconductors |
| TA2104BN | 3V AM/FM 1 CHIP TUNER IC FOR DIGITAL TUNING SYSTEM | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|