|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KC73129MP - 1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA - Samsung semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KC74129B | 1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| S5F329PW02 | 1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| ICX027BLA | 1/2 INCH CCD IMAGE SENSOR FOR CCIR B/W CAMERA | 1 2 3 4 5 More | Sony Corporation |
| S5F429PX02 | 1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| KC73129UBA | 1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| KC74125C | 1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| KC74129C | 1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| KC75118C | 1/5 INCH CCD IMAGE SENSOR FOR NTSC CAMERA | 1 2 3 4 5 More | Samsung semiconductor |
| ICX059CL | Diagonal 6mm Type 1/3 CCD Image Sensor for CCIR Black-and-White Video Camera | 1 2 3 4 5 More | Sony Corporation |
| ICX063AL | Diagonal 11mm Type 2/3 CCD Image Sensor for CCIR B/W Video Camera | 1 2 3 4 5 More | Sony Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 |
Link URL |
|
|