|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KA3S0765RF - SAMSUNG POWER SWITCH - Samsung semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KA3S0765R | SAMSUNG POWER SWITCH | 1 2 3 4 5 More | Samsung semiconductor |
| BTS740S2 | Smart High-Side Power Switch Two Channels: 2 x 30m⦠Current Sense | 1 2 3 4 5 More | Infineon Technologies AG |
| BU426 | HIGH VOLTAGE POWER SWITCH | 1 2 | STMicroelectronics |
| BTS4142N | Smart High-Side Power Switch 1 Channel: 1 x 200m⦠| 1 2 3 4 5 More | Infineon Technologies AG |
| L9346 | QUAD INTELLIGENT POWER LOW SIDE SWITCH | 1 2 3 4 5 More | STMicroelectronics |
| APTM100UM45D-ALN | Single switch with Series diode MOSFET Power Module | 1 2 3 4 5 More | Advanced Power Technology |
| SP2026 | +2.7V to +5.5V USB Power Control Switch | 1 2 3 4 5 More | Sipex Corporation |
| IR6311G | INTELLIGENT HIGH SIDE MOSFET POWER SWITCH | 1 2 3 4 | International Rectifier |
| KSC5402D | High Voltage High Speed Power Switch Application | 1 2 3 4 5 More | Fairchild Semiconductor |
| NC7WB3125 | TinyLogic UHS 2-Bit Low Power Bus Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|