|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KA2206 - 4.0W DUAL AUDIO POWER AMP. - Samsung semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE1359 | Integrated Circuit Module Hybrid Dual Audio Power Amp 22W/Ch | 1 2 | NTE Electronics |
| NTE1395 | Integrated Circuit Dual Audio Power Amplifier 5.8W/Ch | 1 2 | NTE Electronics |
| NTE1606 | Integrated Circuit Dual Audio Power Amplifier 4W to 7W | 1 2 | NTE Electronics |
| AN7171NK | Dual BTL 14W Audio Power Amplifier Circuits | 1 2 3 4 | Panasonic Semiconductor |
| TA8217P | DUAL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| KIA6221AH | BIPOLAR LINEAR INTEGRATED CIRCUIT 30W BTL DUAL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | KEC(Korea Electronics) |
| TA7233P | DUAL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| NTE1398 | Integrated Circuit Dual Audio Power Amplifier 5.8W/Ch | 1 2 | NTE Electronics |
| AN7174K | Dual BTL 14W Audio Power Amplifier Circuit | 1 2 3 4 5 | Panasonic Semiconductor |
| TA8265K | DUAL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|