![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : VI-J13IM(1) VI-J13IX(1) VI-J13IY(1) VI-J13IZ(1) |
|
Click Here View VI-J13IM Datasheet
|
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MEGA_MODULE | 25 to 600 Watts DC-DC Converters Single Dual Triple Output Chassis Mount | Vicor Corporation |
| UM3500 | 40 Watts DC-DC Converters | ETC |
| VI-200 | DC-DC Converters 50 to 200 Watts | Vicor Corporation |
| AS1001-7R | 100 Watt DC-DC Converters | Power-One |
| UMIL100 | 100 Watts 28 Volts Class AB Defcom 225 - 400 MHz | GHz Technology |
| PH3135-65M | Radar Pulsed Power Transistor 65 Watts 3.10-3.50 GHz 100 us Pulse 10% Duty | Tyco Electronics |
| IMX4 | 4 Watt DC-DC Converters | Power-One |
| NDL | Isolated 2W Wide Input Single Output DC-DC Converters | C&D Technologies |
| NMS | 6kVDC Isolated 2W Dual Output DC-DC Converters | C&D Technologies |
| MAX1795 | Low Supply Current Step-Up DC-DC Converters with True-Shutdown | Maxim Integrated Products |
| Related keyword |
| VI-J13IM Datasheet | VI-J13IM Cross Reference | VI-J13IM Schematic | VI-J13IM Distributor | VI-J13IM Datenblatt | VI-J13IM RoHS |
| VI-J13IM Equivalent | VI-J13IM Application Notes | VI-J13IM Data Sheet | VI-J13IM component | VI-J13IM Fiche Technique | VI-J13IM Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |