|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
IRF9530 - P-CHANNEL POWER MOSFETS - Samsung semiconductor |
|
Click IRF9530 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FRF9250D | 14A -200V 0.315 Ohm Rad Hard P-Channel Power MOSFETs | Intersil Corporation |
| FRL9230D | 3A -200V 1.30 Ohm Rad Hard P-Channel Power MOSFETs | Intersil Corporation |
| FSYA9150D | Radiation Hardened SEGR Resistant P-Channel Power MOSFETs | Intersil Corporation |
| RFG30P05 | 30A 50V 0.065 Ohm P-Channel Power MOSFETs | Intersil Corporation |
| RFP12P08 | 12A 80V and 100V 0.300 Ohm P-Channel Power MOSFETs | Intersil Corporation |
| RFP6P08 | -6A -80V and -100V 0.600 Ohm P-Channel Power MOSFETs | Intersil Corporation |
| IRFD9113 | -0.6A and -0.7A -80V and -100V 1.2 and 1.6 Ohm P-Channel Power MOSFETs | Harris Corporation |
| FSF9150D | 22A -100V 0.140 Ohm Rad Hard SEGR Resistant P-Channel Power MOSFETs | Intersil Corporation |
| RFG30P06 | 30A 60V 0.065 Ohm P-Channel Power MOSFETs | Intersil Corporation |
| SSM9930M | DUAL N-AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS | ETC |
Link URL |
|
|
Related keyword |
| IRF9530 Datasheet | IRF9530 Cross Reference | IRF9530 Schematic | IRF9530 Distributor | IRF9530 Datenblatt | IRF9530 RoHS |
| IRF9530 Equivalent | IRF9530 Application Notes | IRF9530 Data Sheet | IRF9530 component | IRF9530 Fiche Technique | IRF9530 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |