Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT-12 Datasheet (PDF) - Molex Electronics Ltd.

WT-12 Datasheet PDF - Molex Electronics Ltd.
Part # WT-12
Download  WT-12 Download

File Size   89.19 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description Ultimate Wire Tap, Yellow, 12 AWG

WT-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT-12 Datasheet PDF - Molex Electronics Ltd.

Part # WT-12
Download  WT-12 Click to download

File Size   89.19 Kbytes
Page   2 Pages
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.
Description Ultimate Wire Tap, Yellow, 12 AWG

WT-12 Datasheet (HTML) - Molex Electronics Ltd.

WT-12 Datasheet HTML 1Page - Molex Electronics Ltd. WT-12 Datasheet HTML 2Page - Molex Electronics Ltd.



Similar Part No. - WT-12

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
WT-1201 SOBERTON-WT-1201 Datasheet
133Kb / 2P
   Washable Type
WT-1201 SOBERTON-WT-1201 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1205 SOBERTON-WT-1205 Datasheet
133Kb / 2P
   Washable Type
WT-1205 SOBERTON-WT-1205 Datasheet
307Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Similar Description - WT-12

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192160010 MOLEX4-0192160010 Datasheet
97Kb / 2P
   Ultimate Wire Tap, Blue, 14-18 AWG
0190990045 MOLEX-0190990045 Datasheet
32Kb / 1P
   InsulKrimp Snap Spade Terminal for 10-12 AWG Wire, Yellow
08/27/2022
logo
Hubbell Incorporated.
NQ10M250D HUBBELL-NQ10M250D Datasheet
276Kb / 2P
   Yellow Female Disconnect, #12 - 10 AWG
logo
SparkFun Electronics
PRT-08024 SPARKFUN-PRT-08024 Datasheet
96Kb / 1P
   Hook-up Wire - Yellow (22 AWG)
3/28/2017
logo
Molex Electronics Ltd.
0191540044 MOLEX4-0191540044 Datasheet
69Kb / 2P
   Step Down Butt Splice for 8-12 AWG Wire Red w/Yellow Strip
0192160011 MOLEX4-0192160011 Datasheet
89Kb / 2P
   Ulimate Wire Tap, Red, 18-22 AWG (0.80" - .0.35mm
logo
Hubbell Incorporated.
BISR4DBRK HUBBELL-BISR4DBRK Datasheet
267Kb / 2P
   Multi Tap Connector, UNITAP,Wire Range:#6 AWG-#4 AWG,Torque:50inlbs.
BISR1DBRK HUBBELL-BISR1DBRK Datasheet
267Kb / 2P
   Multi Tap Connector, UNITAP,Wire Range:#2 AWG-#1 AWG,Torque:130inlbs.
logo
Molex Electronics Ltd.
0191600196 MOLEX4-0191600196 Datasheet
80Kb / 2P
   M-Cap Wire Connector, Yellow, for 10-22 AWG Wire
logo
WAGO Kontakttechnik Gmb...
855-8001 WAGO-855-8001 Datasheet
227Kb / 4P
   Power tap; with fuse; 2,5 mm짼 (12 AWG) - 6 mm짼 (10 AWG); Phase
18.10.2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com