|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5391 - 1.5 AMPS.SILICON RECTIFIERS - Jinan Gude Electronic Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RL151 | 1.5 AMP SILICON RECTIFIERS | 1 2 | Bytes |
| RB151 | SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS | 1 2 | Formosa MS |
| EGPZ15A | 1.5 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions | 1 2 | First Components International |
| RL151G | 1.5 AMP GLASS PASSIVATED RECTIFIERS | 1 2 | Bytes |
| RL151 | 1.5 AMP SILICON RECTIFIERS | 1 2 | Formosa MS |
| DB151 | SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS | 1 2 | Formosa MS |
| Z25UFG | 2 500 V - 10 000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time | 1 2 | List of Unclassifed Manufacturers |
| 1N5391 | 1.5 Ampere General Purpose Rectifiers | 1 2 | Fairchild Semiconductor |
| SM5391A | 1.5 AMP SURFACE MOUNT SILICON RECTIFIERS | 1 2 | Bytes |
| RL151G | 1.5 AMP GLASS PASSIVATED RECTIFIERS | 1 2 | Formosa MS |
Datasheet Page |
1 2 |
Link URL |
|
|