|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BH3856S - 2-wire serial sound control IC - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BH3854AS | Serial sound control IC | 1 2 3 4 5 More | Rohm |
| BH3866AS | Dual-line serial control sound processor IC | 1 2 3 4 5 More | Rohm |
| BH3862FS | 3 wire serial sound control IC | 1 2 | List of Unclassifed Manufacturers |
| SLX24C0816 | 8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs I2C Synchronous 2-Wire Bus | 1 2 3 4 5 More | Siemens Semiconductor Group |
| FM24C32U | 32K-Bit Standard 2-Wire Bus Interface Serial EEPROM | 1 2 3 4 5 More | Fairchild Semiconductor |
| NM24C65U | 64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface | 1 2 3 4 5 More | Fairchild Semiconductor |
| AT34C02 | 2-Wire Serial EEPROM with Permanent Software Write Protect | 1 2 3 4 5 More | ATMEL Corporation |
| 24C128 | 131 072-bit 2-WIRE SERIAL CMOS EEPROM | 1 2 3 4 5 More | Integrated Silicon Solution, Inc |
| IS24C01 | 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM | 1 2 3 4 5 More | Integrated Silicon Solution, Inc |
| HT24LC64 | CMOS 64K 2-WIRE SERIAL EEPROM | 1 2 3 4 5 More | Holtek Semiconductor Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|