|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SK3018 - Small switching (30V, 0.1A) - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SK3019 | Small switching 30V 0.1A | 1 2 3 4 5 | Rohm |
| UM6K1N | Small switching 30V 0.1A | 1 2 3 4 | Rohm |
| UM5K1N | Small switching 30V 0.1A | 1 2 3 4 5 | Rohm |
| 2SK3541 | Small switching 30V 0.1A | 1 2 3 4 5 | Rohm |
| EM6K1 | Small switching 30V 0.1A | 1 2 3 4 | Rohm |
| QS5U12 | Small switching 30V 2.0A | 1 2 3 4 5 | Rohm |
| QS5U16 | Small switching 30V 2.0A | 1 2 3 4 5 | Rohm |
| QS5U13 | Small switching 30V 2.0A | 1 2 3 4 5 | Rohm |
| 2SK2103 | Small switching 30V 2A | 1 2 3 4 | Rohm |
| QS5U17 | Small switching 30V 2.0A | 1 2 3 4 5 | Rohm |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|