Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1949 Datasheet (PDF) - Rohm

2SD1949 Datasheet PDF - Rohm
Part # 2SD1949
Download  2SD1949 Download

File Size   42.16 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (50V, 0.5A)

2SD1949 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1949 Datasheet PDF - Rohm

Part # 2SD1949
Download  2SD1949 Click to download

File Size   42.16 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Medium Power Transistor (50V, 0.5A)

2SD1949 Datasheet (HTML) - Rohm

2SD1949 Datasheet HTML 1Page - Rohm 2SD1949 Datasheet HTML 2Page - Rohm 2SD1949 Datasheet HTML 3Page - Rohm

2SD1949 Product details

Features
1) High current.(IC=0.5A)
2) Low saturation voltage, typically VCE(sat)=0.1V at IC / IB=150mA / 15mA.




Similar Part No. - 2SD1949

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1949 KEXIN-2SD1949 Datasheet
45Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1949 SECOS-2SD1949 Datasheet
138Kb / 2P
   NPN Silicon General Purpose Transistor
logo
Rohm
2SD1949 ROHM-2SD1949 Datasheet
67Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1949 ROHM-2SD1949 Datasheet
112Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1949 ROHM-2SD1949_1 Datasheet
67Kb / 3P
   Medium Power Transistor (50V,0.5A)
More results


Similar Description - 2SD1949

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC1741AS ROHM-2SC1741AS Datasheet
91Kb / 3P
   Medium Power Transistor (50V, 0.5A)
2SD1949 ROHM-2SD1949_11 Datasheet
112Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1484KT146R ROHM-2SD1484KT146R Datasheet
81Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1949 ROHM-2SD1949_1 Datasheet
67Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SC1741AS ROHM-2SC1741AS_11 Datasheet
97Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SC5873S ROHM-2SC5873S Datasheet
78Kb / 4P
   Medium power transistor (30V, 0.5A)
2SA2088 ROHM-2SA2088_11 Datasheet
934Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SA2090 ROHM-2SA2090_11 Datasheet
942Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC2411KT146R ROHM-2SC2411KT146R Datasheet
65Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC2411KT146Q ROHM-2SC2411KT146Q Datasheet
78Kb / 4P
   Medium Power Transistor (32V, 0.5A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com