Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V7812-1000 Datasheet (PDF) - CUI INC

V7812-1000 Datasheet PDF - CUI INC
Part # V7812-1000
Download  V7812-1000 Download

File Size   667.41 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DC switching regulator, non-isolated

V7812-1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
V7812-1000 Datasheet PDF - CUI INC

Part # V7812-1000
Download  V7812-1000 Click to download

File Size   667.41 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description DC switching regulator, non-isolated

V7812-1000 Datasheet (HTML) - CUI INC

V7812-1000 Datasheet HTML 1Page - CUI INC V7812-1000 Datasheet HTML 2Page - CUI INC V7812-1000 Datasheet HTML 3Page - CUI INC V7812-1000 Datasheet HTML 4Page - CUI INC V7812-1000 Datasheet HTML 5Page - CUI INC

V7812-1000 Product details

DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR

FEATURES

• 1 A current output

• extremely high efficiency up to 97%

• no heat sink required

• pin compatible to LM78XX linear regulators

• available in straight and right angle SIP packages

• low ripple and noise

• short circuit protection, thermal shutdown

• wide temperature (-40~85°C)



 




Similar Part No. - V7812-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7812-1000 CUI-V7812-1000 Datasheet
231Kb / 4P
   DC switching regulator, non-isolated
V7812-1000 CUI-V7812-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V7812-1000 CUI-V7812-1000 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
V7812-1000R CUI-V7812-1000R Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
More results


Similar Description - V7812-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
V7802-1500 CUI-V7802-1500 Datasheet
760Kb / 5P
   DC SWITCHING REGULATOR, NON-ISOLATED
V78XX-500-SMT CUI-V78XX-500-SMT Datasheet
499Kb / 5P
   DC switching regulator, non-isolated
V78E-500-SMT CUI-V78E-500-SMT Datasheet
1Mb / 10P
   NON-ISOLATED DC SWITCHING REGULATOR
VXO78-500-M CUI-VXO78-500-M Datasheet
2Mb / 6P
   NON-ISOLATED DC SWITCHING REGULATOR
09/17/2021
V78E-1000-SMT CUI-V78E-1000-SMT_V01 Datasheet
4Mb / 9P
   NON-ISOLATED DC SWITCHING REGULATOR
06/09/2021
VXO78-500 CUI-VXO78-500_V01 Datasheet
3Mb / 7P
   NON-ISOLATED DC SWITCHING REGULATOR
09/14/2021
VX78-1000R CUI-VX78-1000R Datasheet
2Mb / 6P
   NON-ISOLATED DC SWITCHING REGULATOR
09/21/2021
VX78-1000 CUI-VX78-1000 Datasheet
933Kb / 8P
   NON-ISOLATED DC SWITCHING REGULATOR
V78XX-500 CUI-V78XX-500 Datasheet
410Kb / 6P
   DC switching regulator, non-isolated
P78E-1000 CUI-P78E-1000 Datasheet
1Mb / 8P
   NON-ISOLATED DC SWITCHING REGULATOR
V78E-500-SMT CUI-V78E-500-SMT_V01 Datasheet
3Mb / 9P
   NON-ISOLATED DC SWITCHING REGULATOR
03/02/2022
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com