Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C311 Datasheet (PDF) - Intronics Power, Inc.

C311 Datasheet PDF - Intronics Power, Inc.
Part # C311
Download  C311 Download

File Size   646.58 Kbytes
Page   4 Pages
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.
Description MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE

C311 Datasheet (PDF)

Go To PDF Page Download Datasheet
C311 Datasheet PDF - Intronics Power, Inc.

Part # C311
Download  C311 Click to download

File Size   646.58 Kbytes
Page   4 Pages
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.
Description MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE

C311 Datasheet (HTML) - Intronics Power, Inc.

C311 Datasheet HTML 1Page - Intronics Power, Inc. C311 Datasheet HTML 2Page - Intronics Power, Inc. C311 Datasheet HTML 3Page - Intronics Power, Inc. C311 Datasheet HTML 4Page - Intronics Power, Inc.

C311 Product details

FEATURES

• 16 or 24 pin ceramic dip

• Minimum of external components required

• Easily adjusts for yoke errors

• Accuracy better than 0.5% Max(C312)

• Bandwidth compatible with 10MHz systems

• Both geometry and focus available



 




Similar Part No. - C311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C311 ETC2-C311 Datasheet
696Kb / 4P
   MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
General Cable Technolog...
C3110 GENERAL-C3110 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
C3111 GENERAL-C3111 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
C3112 GENERAL-C3112 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
C3113 GENERAL-C3113 Datasheet
73Kb / 1P
   TYPE CMP / CL3P
More results


Similar Description - C311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C300 ETC2-C300 Datasheet
696Kb / 4P
   MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Panasonic Semiconductor
AN5441S PANASONIC-AN5441S Datasheet
120Kb / 13P
   Deflection distortion correction IC
logo
Sanyo Semicon Device
2SC5794 SANYO-2SC5794 Datasheet
53Kb / 3P
   CRT DEVICE PLAY
logo
Motorola, Inc
MHW1134 MOTOROLA-MHW1134 Datasheet
66Kb / 4P
   Low Distortion Wideband Amplifiers
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
KH561 FAIRCHILD-KH561 Datasheet
182Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
   Low Distortion Wideband Op Amp
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com