|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
VI-J4NEX - DC-DC Converters 25 to 100 Watts - Vicor Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MEGA_MODULE | 25 to 600 Watts DC-DC Converters Single Dual Triple Output Chassis Mount | 1 2 3 4 | Vicor Corporation |
| UM3500 | 40 Watts DC-DC Converters | 1 2 | List of Unclassifed Manufacturers |
| VI-200 | DC-DC Converters 50 to 200 Watts | 1 2 | Vicor Corporation |
| AS1001-7R | 100 Watt DC-DC Converters | 1 2 3 4 | Power-One |
| UMIL100 | 100 Watts 28 Volts Class AB Defcom 225 - 400 MHz | 1 2 3 | GHz Technology |
| PH3135-65M | Radar Pulsed Power Transistor 65 Watts 3.10-3.50 GHz 100 us Pulse 10% Duty | 1 2 | Tyco Electronics |
| IMX4 | 4 Watt DC-DC Converters | 1 2 3 4 | Power-One |
| NDL | Isolated 2W Wide Input Single Output DC-DC Converters | 1 2 | C&D Technologies |
| NMS | 6kVDC Isolated 2W Dual Output DC-DC Converters | 1 2 | C&D Technologies |
| MAX1795 | Low Supply Current Step-Up DC-DC Converters with True-Shutdown | 1 2 3 4 5 More | Maxim Integrated Products |
Datasheet Page |
1 2 |
Link URL |
|
|