Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB13 Datasheet (PDF) - Gulf Semiconductor

SB13 Datasheet PDF - Gulf Semiconductor
Part # SB13
Download  SB13 Download

File Size   207.0 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A

SB13 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB13 Datasheet PDF - Gulf Semiconductor

Part # SB13
Download  SB13 Click to download

File Size   207.0 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A

SB13 Datasheet (HTML) - Gulf Semiconductor

SB13 Datasheet HTML 1Page - Gulf Semiconductor SB13 Datasheet HTML 2Page - Gulf Semiconductor

SB13 Product details

VOLTAGE:20 TO 60V CURRENT: 1.0A

FEATURE
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
   For surface mounted applications
   Low profile package
   Built-in strain relief
   Low power loss, high efficiency
   High current capability, low forward voltage drop
   High surge capability
   For use in low voltage high frequency inverters, free wheeling, and polarity protection applications
   Guardring for overvoltage protection
   High temperature soldering guaranteed: 250ºC /10 seconds at terminals




Similar Part No. - SB13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
SB130 VISHAY-SB130 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Shunye Enterprise
SB130 SHUNYE-SB130 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SB130 SAMYANG-SB130 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB13

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB22-A GULFSEMI-SB22-A Datasheet
255Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
logo
Gulf Semiconductor
SB1020 GULFSEMI-SB1020 Datasheet
432Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
SB520 GULFSEMI-SB520 Datasheet
90Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com