|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MV502XA - TAPERED PACKAGE T-13/4 SOLID STATE LAMPS - QT Optoelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MV502XA | TAPERED PACKAGE T-1¾ SOLID STATE LAMPS | 1 2 3 4 | Fairchild Semiconductor |
| MV5362X | CLEAR LENS T-100 SOLID STATE LAMPS | 1 2 3 | QT Optoelectronics |
| HLMP-3X50A | T-1 3/4 5mm SOLID STATE LAMPS | 1 2 3 4 | Fairchild Semiconductor |
| MV53124A | RECTANGULAR SOLID STATE LAMPS | 1 2 3 4 | Fairchild Semiconductor |
| L793ID | 8MM SOLID STATE LAMPS | 1 2 3 4 | Kingbright Corporation |
| L453ID | T-1 3/4 SOLID STATE LAMPS | 1 2 3 4 | Kingbright Corporation |
| MSL-824UYL | SIDE LOOK PACKAGE SOLID STATE LAMP | 1 2 | Unity Opto Technology |
| MVL-354TG | T-1 3mm PACKAGE SOLID STATE LAMP | 1 2 | Unity Opto Technology |
| MVL-5A4BS | T-1 3/4 PACKAGE SOLID STATE LAMP | 1 2 | Unity Opto Technology |
Datasheet Page |
1 2 3 |
Link URL |
|
|