|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAN4900A - 0.400-INCH SEVEN SEGMENT DISPLAYS - QT Optoelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAN4400A | 0.400-INCH SEVEN SEGMENT DISPLAYS | 1 2 3 4 5 More | QT Optoelectronics |
| MAN6400 | 0.560-INCH SEVEN SEGMENT DISPLAYS | 1 2 3 4 | QT Optoelectronics |
| MAN6700 | 0.560-INCH SEVEN SEGMENT DISPLAYS | 1 2 3 4 5 | Fairchild Semiconductor |
| HDSP-U | 8 mm 0.31 inch Ultra Mini Seven Segment Displays | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| MAN6600 | 0.560-INCH SEVEN SEGMENT DISPLAYS | 1 2 3 4 5 | QT Optoelectronics |
| MAN6900 | 0.560-INCH SEVEN SEGMENT DISPLAYS | 1 2 3 4 5 More | Fairchild Semiconductor |
| HDSP-301X | 10 mm and 13 mm Slim Font Seven Segment Displays | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| HDSP-52XE | 14.2 mm 0.56 inch General Purpose Two Digit Seven Segment Displays | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| MAN6700 | 0.560-INCH SEVEN SEGMENT DISPLAYS | 1 2 3 4 | QT Optoelectronics |
| MAN8400 | 0.800-INCH SEVEN SEGMENT DISPLAYS | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|