Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25010VE-GT3 Datasheet (PDF) - ON Semiconductor

CAT25010VE-GT3 Datasheet PDF - ON Semiconductor
Part # CAT25010VE-GT3
Download  CAT25010VE-GT3 Download

File Size   185.86 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM

CAT25010VE-GT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT25010VE-GT3 Datasheet PDF - ON Semiconductor

Part # CAT25010VE-GT3
Download  CAT25010VE-GT3 Click to download

File Size   185.86 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM

CAT25010VE-GT3 Datasheet (HTML) - ON Semiconductor

Back Button CAT25010VE-GT3 Datasheet HTML 1Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 2Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 9Page - ON Semiconductor CAT25010VE-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button 

CAT25010VE-GT3 Product details

Description
The CAT25010/20/40 are 1−Kb/2−Kb/4−Kb Serial CMOS EEPROM devices internally organized as 128x8/256x8/512x8 bits. They feature a 16−byte page write buffer and support the Serial Peripheral Interface (SPI) protocol. The device is enabled through a Chip Select (CS) input. In addition, the required bus signals are a clock input (SCK), data input (SI) and data output (SO) lines. The HOLD input may be used to pause any serial communication with the CAT25010/20/40 device. These devices feature software and hardware write protection, including partial as well as full array protection.

Features
• 20 MHz (5 V) SPI Compatible
• 1.8 V to 5.5 V Supply Voltage Range
• SPI Modes (0,0) & (1,1)
• 16−byte Page Write Buffer
• Self−timed Write Cycle
• Hardware and Software Protection
• Block Write Protection
   − Protect 1/4, 1/2 or Entire EEPROM Array
• Low Power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Range
• PDIP, SOIC, TSSOP 8−Lead and UDFN 8−Pad Packages
• These Devices are Pb−Free, Halogen Free/BFR Free, and RoHS
   Compliant




Similar Part No. - CAT25010VE-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25010VE-GT3 CATALYST-CAT25010VE-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010VE-GT3 ONSEMI-CAT25010VE-GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
More results


Similar Description - CAT25010VE-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com