Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6218-180TDGT3 Datasheet (PDF) - ON Semiconductor

CAT6218-180TDGT3 Datasheet PDF - ON Semiconductor
Part # CAT6218-180TDGT3
Download  CAT6218-180TDGT3 Download

File Size   166.5 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 300 mA CMOS LDO Regulator

CAT6218-180TDGT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6218-180TDGT3 Datasheet PDF - ON Semiconductor

Part # CAT6218-180TDGT3
Download  CAT6218-180TDGT3 Click to download

File Size   166.5 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 300 mA CMOS LDO Regulator

CAT6218-180TDGT3 Datasheet (HTML) - ON Semiconductor

CAT6218-180TDGT3 Datasheet HTML 1Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 2Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 3Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 4Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 5Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 6Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 7Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 8Page - ON Semiconductor CAT6218-180TDGT3 Datasheet HTML 9Page - ON Semiconductor

CAT6218-180TDGT3 Product details

Description
The CAT6218 is a 300 mA CMOS low dropout regulator that provides fast response time during load current and line voltage changes.
The quick−start feature allows the use of an external bypass capacitor to reduce the overall output noise without affecting the turn−on time of just 150 μs.
With zero shutdown current and low ground current of 55 μA typical, the CAT6218 is ideal for battery−operated devices with supply voltages from 2.3 V to 5.5 V. An internal under voltage lockout circuit disables the output at supply voltages under 2.1 V typical.

Features
• Guaranteed 300 mA Output Current
• Low Dropout Voltage of 180 mV Typical at 300 mA
• Stable with 1 μF Ceramic Output Capacitor
• External 10 nF Bypass Capacitor for Low Noise
• Quick−start Feature
• No−load Ground Current of 55 μA Typical
• Full−load Ground Current of 80 μA Typical
• ±1.0% Initial Accuracy (VOUT ≥ 2.0 V)
• ±2.0% Accuracy Over Temperature (VOUT ≥ 2.0 V)
• “Zero” Current Shutdown Mode
• Fold−back Current Limit and Under−voltage Lockout
• Thermal Protection
• Thin SOT23−5 Package
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Cellular Phones
• Battery−powered Devices
• Consumer Electronics




Similar Part No. - CAT6218-180TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218-180TDGT3 ONSEMI-CAT6218-180TDGT3 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
More results


Similar Description - CAT6218-180TDGT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com